Part Number Hot Search : 
48630 BR3010 12320 48630 HGT1S 12320 PD25GB40 CXT2907A
Product Description
Full Text Search
 

To Download SBLB1630CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL16xxCT, SBLF16xxCT & SBLB16xxCTSeries
Vishay Semiconductors
formerly General Semiconductor
Dual Schottky Barrier Rectifier
Reverse Voltage 30 and 40V Forward Current 16A
ITO-220AB (SBLF16xxCT)
0.405 (10.27) 0.383 (9.72) 0.188 (4.77) 0.172 (4.36) 0.110 (2.80) 0.100 (2.54) 0.140 (3.56) DIA. 0.130 (3.30) 0.185 (4.70) 0.175 (4.44) 0.154 (3.91) 0.370 (9.40) 0.360 (9.14) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.145 (3.68) 0.135 (3.43) 0.410 (10.41) 0.390 (9.91) 1 0.160 (4.06) 0.140 (3.56) PIN 2 3 0.603 (15.32) 0.573 (14.55) 0.560 (14.22) 0.530 (13.46) 0.055 (1.39) 0.045 (1.14)
1
TO-220AB (SBL16xxCT)
0.415 (10.54) MAX. 0.600 (15.5) 0.580 (14.5)
PIN 2 3
0.131 (3.39) DIA. 0.122 (3.08)
0.676 (17.2) 0.646 (16.4) 0.350 (8.89) 0.330 (8.38)
0.191 (4.85) 0.171 (4.35) 0.060 (1.52)
PIN 1 PIN 3 PIN 2
0.635 (16.13) 0.625 (15.87)
0.350 (8.89) 0.330 (8.38)
0.110 (2.80) 0.100 (2.54)
1.148 (29.16) 1.118 (28.40) 0.110 (2.79) 0.100 (2.54) 0.560 (14.22) 0.530 (13.46) 0.105 (2.67) 0.095 (2.41)
0.037 (0.94) 0.027 (0.69)
0.022 (0.55) 0.014 (0.36)
PIN 1 PIN 3
PIN 2 CASE
0.205 (5.20) 0.195 (4.95)
0.105 (2.67) 0.095 (2.41) 0.104 (2.65) 0.096 (2.45) 0.035 (0.90) 0.028 (0.70) 0.205 (5.20) 0.195 (4.95) 0.022 (0.56) 0.014 (0.36)
TO-263AB (SBLB16xxCT)
0.411 (10.45) 0.380 (9.65) 0.245 (6.22) MIN K 0.190 (4.83) 0.160 (4.06) 0.055 (1.40) 0.045 (1.14)
Mounting Pad Layout TO-263AB
0.42 (10.66)
0.360 (9.14)
0.33 (8.38) 0.63 (17.02)
0.055 (1.40) 0.047 (1.19) 0.624 (15.85) 1 K 2 0.591 (15.00) 0-0.01 (0-0.254) 0.110 (2.79) 0.090 (2.29)
0.320 (8.13)
Dimensions in inches and (millimeters)
0.08 (2.032)
0.037 (0.940) 0.027 (0.686) 0.105 (2.67)
PIN 1 PIN 2 K - HEATSINK
0.021 (0.53) 0.014 (0.36) 0.140 (3.56) 0.110 (2.79)
Features
0.24 (6.096)
0.12 (3.05)
0.095 (2.41)
0.205 (5.20) 0.195 (4.95)
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0 * Dual rectifier construction, positive center tap * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency * Guardring for overvoltage protection * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case
Document Number 88727 11-Feb-02
Mechanical Data
Case: JEDEC TO-220AB, ITO-220AB & TO-263AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 oz., 2.24 g
www.vishay.com 1
SBL16xxCT, SBLF16xxCT & SBLB16xxCTSeries
Vishay Semiconductors
formerly General Semiconductor
Maximum Ratings
Parameter
(TC = 25C unless otherwise noted)
Symbol VRRM VRWM VDC IF(AV)
SBL1630CT 30 21 30 16 8.0 250
SBL1640CT 40 28 40
Unit V V V A
Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current Total device at TC = 95C Per leg Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) per leg Operating junction and storage temperature range RMS Isolation voltage (SBLF type only) from terminals to heatsink with t = 1.0 second, RH 30%
IFSM TJ, TSTG VISOL
A C V
-40 to +125 4500 (NOTE 1) 3500 (NOTE 2) 1500 (NOTE 3)
Electrical Characteristics (TC = 25C unless otherwise noted)
Parameter Maximum instantaneous forward voltage per leg at 8.0 A (Note 4) Maximum instantaneous reverse current TC = 25C at rated DC blocking voltage per leg (Note 4) TC = 100C Symbol VF IR Value 0.55 0.5 50 Unit V mA
Thermal Characteristics (TC = 25C unless otherwise noted)
Parameter Typical thermal resistance from junction to case per leg Symbol RJC MBR 2.0 MBRF 4.0 MBRB 2.0 Unit C/W
Notes: (1) Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset (2) Clip mounting (on case), where leads do overlap heatsink (3) Screw mounting with 4-40 screw, where washer diameter is 4.9 mm (0.19") (4) Pulse test: 300s pulse width, 1% duty cycle
www.vishay.com 2
Document Number 88727 11-Feb-02
SBL16xxCT, SBLF16xxCT & SBLB16xxCTSeries
Vishay Semiconductors
formerly General Semiconductor
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
Forward Current Derating Curve
20 Resistive or Inductive Load 300
Maximum Non-Repetitive Peak Forward Surge Current Per Leg
Peak Forward Surge Current (A)
TJ = TJ max. 8.3ms Single Half Sine-Wave (JEDEC Method)
Average Forward Current (A)
16
250 200 150
12
8
100 50 0
4
0
0
50
100
150
1
10
100
Case Temperature (C)
Number of Cycles at 60 HZ
Typical Instantaneous Forward Characteristics Per Leg
TJ = 125C Pulse Width = 300s 1% Duty Cycle
Typical Reverse Characteristics Per Leg
IR - Instantaneous Reverse Current (mA)
50 10 TJ = 125C 1.0 75C 0.1
IF - Instantaneous Forward Current (A)
50
10
1.0
TJ = 25C
0.1
0.01
25C
0.01 0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.001 0
20
40
60
80
100
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Typical Junction Capacitance Per Leg
4,000 100
Typical Transient Thermal Impedance Per Leg
Transient Thermal Impedance (C/W)
pF - Junction Capacitance
TJ = 25C f = 1.0 MHZ Vsig = 50mVp-p
1,000
10
1
100 0.1
1
10
100
0.1 0.01
0.1
1
10
100
Reverse Voltage (V) Document Number 88727 11-Feb-02
t - Pulse Duration (sec.) www.vishay.com 3


▲Up To Search▲   

 
Price & Availability of SBLB1630CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X